Part Number Hot Search : 
FR301GP T4016K D1978 BTB06 LC503 C2611 AKD4317 5C268
Product Description
Full Text Search
 

To Download BAV103-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav100...bav103 vishay telefunken 1 (4) rev. 3, 14-feb-01 www.vishay.com document number 85542 switching diode features  silicon epitaxial planar diodes applications general purposes 94 9371 order instruction type type differentiation ordering code remarks bav100 v rrm = 60 v bav100gs08 tape and reel bav101 v rrm = 120 v bav101gs08 tape and reel bav102 v rrm = 200 v bav102gs08 tape and reel bav103 v rrm = 250 v bav103 gs08 tape and reel absolute maximum ratings t j = 25  c parameter test conditions type symbol value unit bav100 v rrm 60 v re p etitive p eak reverse voltage bav101 v rrm 120 v repetitive peak reverse voltage bav102 v rrm 200 v bav103 v rrm 250 v bav100 v r 50 v reverse voltage bav101 v r 100 v reverse voltage bav102 v r 150 v bav103 v r 200 v peak forward surge current t p =1s i fsm 1 a repetitive peak forward current i frm 625 ma forward current i f 250 ma power dissipation p v 500 mw junction temperature t j 175  c storage temperature range t stg 65...+175  c maximum thermal resistance t j = 25  c parameter test conditions symbol value unit junction lead r thjl 350 k/w junction ambient on pc board 50 mmx50 mmx1.6 mm r thja 500 k/w
bav100...bav103 vishay telefunken 2 (4) rev. 3, 14-feb-01 www.vishay.com document number 85542 electrical characteristics t j = 25  c parameter test conditions type symbol min typ max unit forward voltage i f =100ma v f 1 v v r =50 v bav100 i r 100 na v r =100 v bav101 i r 100 na v r =150 v bav102 i r 100 na reverse current v r =200 v bav103 i r 100 na reverse current t j =100  c, v r = 50 v bav100 i r 15  a t j =100  c, v r =100 v bav101 i r 15  a t j =100  c, v r =150 v bav102 i r 15  a t j =100  c, v r =200 v bav103 i r 15  a bav100 v (br) 60 v breakdown voltage i r =100  at /t=0 01 t =0 3ms bav101 v (br) 120 v breakdown voltage i r = 100  a , t p /t = 0 . 01 , t p = 0 . 3ms bav102 v (br) 200 v bav103 v (br) 250 v diode capacitance v r =0, f=1mhz c d 1.5 pf differential forward resistance i f =10ma r f 5  reverse recovery time i f =i r =30ma, i r =3ma, r l =100  t rr 50 ns characteristics (t j = 25  c unless otherwise specified)  0 40 80 120 160 0.01 0.1 1 10 1000 i reverse current ( a ) r t j junction temperature ( c ) 200 94 9084 100 scattering limit v r =v rrm figure 1. reverse current vs. junction temperature 0 0.4 0.8 1.2 1.6 0.1 1 10 100 1000 i forward current ( ma ) f v f forward voltage ( v ) 2.0 94 9085 scattering limit t j =25 c figure 2. forward current vs. forward voltage
bav100...bav103 vishay telefunken 3 (4) rev. 3, 14-feb-01 www.vishay.com document number 85542 0.1 1 10 1 10 100 1000 r differential forward resistance ( ) f i f forward current ( ma ) 100 94 9089  t j =25 c figure 3. differential forward resistance vs. forward current dimensions in mm 96 12070
bav100...bav103 vishay telefunken 4 (4) rev. 3, 14-feb-01 www.vishay.com document number 85542 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( odss ). the montreal protocol ( 1987 ) and its london amendments ( 1990 ) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2 . class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency ( epa ) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c ( transitional substances ) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay-telefunken products for any unintended or unauthorized application, the buyer shall indemnify vishay-telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 ( 0 ) 7131 67 2831, fax number: 49 ( 0 ) 7131 67 2423


▲Up To Search▲   

 
Price & Availability of BAV103-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X